Part Number Hot Search : 
HT48R0 M25CL64 LTM455HU Q6704 ADUM4 LCX74 U4793 HER20
Product Description
Full Text Search
 

To Download MMA02040C1008FB300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  professional melf resistors www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 14 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mmu 0102, mma 0204 and mmb 0207 professional thin film melf resistors are the perfect choice for most fields of modern professional electronics where reliability and stability is of major concern. the typical applications in the fields of automotive, telecommunication and medical equipment reflect the outstanding level of proven reliability. features ? approved to en 140401-803 ? aec-q200 qualified ? advanced thin film technology ? excellent overall stability: exceeds class 0.25 ? matte sn termination on ni barrier layer ? compliant to rohs directive 2011/65/eu applications ? automotive ? telecommunication ? industrial ? medical equipment notes ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me. (1) the power dissipation on the resistor gener ates a temperature rise against the lo cal ambient, depending on the heatflow support of the printed-circuit board (thermal resistance). the rated dissipation applies only if the per mitted film temperature is not exceede d. furthermore, a high level of ambient temperature or of pow er dissipation may raise the temperature of the solder joint, hence special solder a lloys or board materials may be required to maintain the reliability of the assembly. (2) specified power rating requi res dedicated heat-sink pads. metric size din 0102 0204 0207 cecc rc 2211m rc 3715m rc 6123m technical specifications description mmu 0102 mma 0204 mmb 0207 cecc size rc 2211m rc 3715m rc 6123m resistance range 0.22 ? to 2.21 m ? ; 0 ? 0.22 ? to 10 m ? ; 0 ? 0.1 ? to 15 m ? ; 0 ? resistance tolerance 5 %; 2 %; 1 %; 0.5 % 5 %; 1 %; 0.5 % 5 %; 2 %; 1 %; 0.5 % temperature coefficient 50 ppm/k; 25 ppm/k 100 ppm/k; 50 ppm/k; 25 ppm/k operation mode standard power standard power standard power rated dissipation, p 70 (1) 0.2 w 0.3 w 0.25 w 0.4 w 0.4 w 1.0 w (2) operating voltage, u max. ac/dc 150 v 200 v 300 v permissible film temperature, ? f max. 125 c 155 c 125 c 155 c 125 c 155 c operating temperature range - 55 c to 125 c - 55 c to 155 c - 55 c to 125 c - 55 c to 155 c - 55 c to 125 c - 55 c to 155 c max. resistance change at p 70 for resistance range, ? r / r max., after: 0.22 ? to 221 k ? 0.22 ? to 332 k ? 0.22 ? to 1 m ? 1000 h ? 0.15 % ? 0.25 % ? 0.15 % ? 0.25 % ? 0.15 % ? 0.25 % 8000 h ? 0.3 % ? 0.5 % ? 0.3 % ? 0.5 % ? 0.3 % ? 0.5 % 225 000 h ? 1 % - ? 1 % - ? 1 % - permissible voltage against ambient (insulation): 1 min; u ins 200 v 300 v 500 v continuous 75 v 75 v 75 v failure rate: fit observed ? 0.1 x 10 -9 /h
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 15 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions note ? color code marking is applied according to iec 60062 (3) in four bands (e24 series) or 5 bands (e96 or e192 series). each color band appears as a single solid line, voids are permissible if at least 2 / 3 of the band is visible from each radial angle of view. the last color band for tolerance is approximately 50 % wider than the other bands. an interrupted yellow band between the 4 th and 5 th full band indicates tc25. pattern styles for melf resistors note ? the given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards iec 611 88-5-x, or in publication ipc-7351. they do not guarantee any supposed thermal properties, however, they wi ll be found adequate for most gene ral applications. dimensions and mass type l (mm) d (mm) l 1 min. (mm) d 1 (mm) k (mm) mass (mg) mmu 0102 2.2 + 0/- 0.1 1.1 + 0/- 0.1 1.2 d + 0/- 0.1 0.4 0.05 8 mma 0204 3.6 + 0/- 0.2 1.4 + 0/- 0.1 1.8 d + 0/- 0.15 0.8 0.1 22 mmb 0207 5.8 + 0/- 0.15 2.2 + 0/- 0.2 3.2 d + 0/- 0.2 1.15 0.1 80 recommended solder pad dimensions type wave soldering reflow soldering g (mm) y (mm) x (mm) z (mm) g (mm) y (mm) x (mm) z (mm) mmu 0102 0.7 1.2 1.5 3.1 1.1 0.8 1.3 2.7 mma 0204 1.5 1.5 1.8 4.5 1.7 1.2 1.6 4.1 mmb 0207 2.8 2.1 2.6 7.0 3.2 1.7 2.4 6.6 l 1 k d 1 d l g x y z
www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 16 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag professional me lf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? products can be ordered using either the part number or the product description. part number and product description part number: mmb02070d5620db200 part number: mmb02070z0000zb200 type/size version tcr resistance tolerance pac k ag i n g mmu0102 mma0204 mmb0207 0 = en 140401-803, ?version a? d = 25 ppm/k c = 50 ppm/k b = 100 ppm/k z = jumper 3 digit value 1 digit multiplier multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 0000 = jumper d = 0.5 % f = 1 % g = 2 % j = 5 % z = jumper b3 b0 b2 b7 m3 m8 product description: mmb 0207 - 25 0.5 % b2 562r product description: mmb 0207 b2 0r0 mmb 0207 - 25 0.5 % b2 562r mmb 0207 - - b2 0r0 type size tcr tolerance packaging resistance mmu mma mmb 0102 0204 0207 25 ppm/k 50 ppm/k 100 ppm/k 0.5 % 1 % 2 % 5 % bl b0 b2 b7 m3 m8 562r = 562 ? 0r0 = jumper packaging type code quantity carrier tape width pitch reel diameter mmu 0102 b3 = bl 3000 antistatic blister tape acc. iec 60286-3 type ii 8 mm 4 mm 180 mm/7" b0 10 000 330 mm/13" m8 8000 bulk case acc. iec 60286-6 -- - mma 0204 b3 = bl 3000 antistatic blister tape acc. iec 60286-3 type ii 8 mm 4 mm 180 mm/7" b0 10 000 330 mm/13" m3 3000 bulk case acc. iec 60286-6 -- - mmb 0207 b2 2000 antistatic blister tape acc. iec 60286-3 type ii 12 mm 4 mm 180 mm/7" b7 7000 330 mm/13" m m b 0 2 0 7 0 d 5 6 2 0 d b 2 0 0 m m b 0 2 0 7 0 z 0 0 0 0 z b 2 0 0
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 17 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? resistance ranges printed in bold ar e preferred tcr/tolerance combinat ions with optimiz ed availability. ? resistance values to be selected for 5 % and 2 % tolerance from e24, for 1 % tolerance from e24 and e96 and for 0.5 % tolerance from e24 and e192. description production is strictly controlled and follows an extensive set of instructions established for reproducibility. a homogeneous film of metal al loy is deposited on a high grade ceramic body (al 2 o 3 ) and conditioned to achieve the desired temperature coefficient. nickel plated steel termination caps are firmly pressed on the metallised rods. a special laser is used to achieve the target va lue by smoothly cutting a helical groove in the resistive layer without damaging the ceramics. the resistor elements are cove red by a protective coating designed for electrical, mechanical and climatic protection. the terminations receive a final pure tin on nickel plating. four or five color code rings designate the resistance value and tolerance in accordance with iec 60062 (3) . the result of the determined production is verified by an extensive testing procedure performed on 100 % of the individual resistors. this includes pulse load screening (for r ? 10 ? ) and additional non-linearity screening (for r ? 30 ? ) for the elimination of products with a potential risk of early life failures according to en 140401-803, 2.1.2.2. only accepted products are laid directly into the blister tape in accordance with iec 60286-3, type ii (3) or bulk case in accordance with iec 60286-6 (3) . assembly the resistors are suitable for processing on automatic smd assembly systems. they are su itable for automa tic soldering using wave, reflow or vapour phase as shown in iec 61760-1 (3) . solderability is specified for 2 years after production or requalification, however, excellent solderability is proven after extended storage in excess of 10 years. the permitted storage time is 20 years. the resistors are completely l ead (pb)-free, the pure tin plating provides compatibility with lead (pb)-free soldering processes. the immunity of the plating against tin whisker growth has been proven under extensive testing. the encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. the suitability of conformal coatings, if applied, shall be qualified by appropriate means to ensure the long-term stability of the whole system. all products comply with the gadsl (1) and the cefic-eeca-eicta (2) list of legal restrictions on hazardous substances. this includes full compliance with the following directives: ? 2000/53/ec end of vehicle life directive (elv) and annex ii (elv ii) ? 2011/65/eu restriction of the use of hazardous substances directive (rohs) ? 2002/96/ec waste electrical and electronic equipment directive (weee) approvals the resistors are approved wit hin the iecq-cecc quality assessment system for electronic components to the detail specification en 140401-803 which refers to en 60115-1 , en 140400 and the variety of environmental test procedures of the iec 60068 (3) series. conformity is attested by the use of the cecc logo ( ) as the mark of conformity on the package label. vishay beyschlag has achieved ?approval of manufacturer? in accordance with iec qc 001002-3, clause 2 . the release certificate for ?technology approval schedule? in accordance with cecc 240001 based on iec qc 001002-3, clause 6 is granted for the vishay beyschlag manufacturing process. the resistors are qualified according to aec-q200. related products for products with precision spec ification see the datasheet: ? ?precision melf resistors? ( www.vishay.com/doc?28714 ) ? ?high precision mini-melf resistor? ( www.vishay.com/doc?28715 ) resistors are available with established reliability in accordance with en 140401-803 version e . please refer to datasheet ?melf resistors wi th established reliability? ( www.vishay.com/doc?28707 ). notes (1) global automotive declarable substance list, see www.gadsl.org . (2) cefic (european chemical industry council) , eeca (european electronic component manufac turers association) , eicta (european tra de organisation representing the information and communi cations technology and cons umer electronics), see www.eicta.org/index.php?id=995 ? issues ? environment policy ? chemicals ? chemicals for electronics. (3) the quoted iec standards are also rel eased as en standards with the same number and identical contents. temperature coefficient and resistance range description resistance tcr tolerance mmu 0102 mma 0204 mmb 0207 100 ppm/k 5 % - - 0.1 ? to 0.2 ? 50 ppm/k 5 % 0.22 ? to 0.91 ? 0.22 ? to 0.91 ? 0.22 ? to 0.91 ? 2 % 1 ? to 9.1 ? -0.2 ? to 0.91 ? 1 % 10 ? to 2.21 m ? 1 ? to 10 m ? 1 ? to 15 m ? 0.5 % 10 ? to 221 k ? 10 ? to 2.21 m ? - 25 ppm/k 1 % 10 ? to 221 k ? 10 ? to 511 k ? - 0.5 % 10 ? to 221 k ? 10 ? to 511 k ? 10 ? to 1 m ? jumper ?? 10 m ? ; i max. = 2 a ?? 10 m ? , i max. = 3 a ?? 10 m ? ; i max. = 5 a
www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 18 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag professional me lf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance c 100 150 0 - 50 0 50 0.5 1 w 70 power dissipation p ? ambient temperature amb mmb 0207 mmu 0102 mma 0204 deratin g - standard operation c 100 150 0 - 50 0 50 0.5 1 w 70 power dissipation p mmb 0207 mmu 0102 mma 0204 (1) amb ? ambient temperature deratin g - power operation note (1) specified po w er rating re qu ires dedicated heat sink pads 100 s 1 ms 10 ms 1 1 s 10 s 0.1 w 10 s 100 ms 100 10 mmb 0207 mmu 0102 mma 0204 pulse load p max. sin g le pulse maxim u m p u lse load, single p u lse; applica b le if p 0 and n 1000 and u u max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration t i
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 19 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 100 s 1 ms 10 ms 1 1 s 10 s 0.1 w 10 s 100 ms 10 100 mmb 0207 mmu 0102 mma 0204 continuous pulse maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and u u max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation continuous pulse load p max. pulse duration t i 100 s 1 ms 10 ms 1 s 10 s 10 s 100 ms 100 v 1 k v pulse duration t i pulse volta g e maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse volta g e u max. mmb 0207 mmu 0102 mma 0204 100 v 1 k v 10 v 10 k v pulse volta g e u 100 1 k 10 k 100 k 1 m 10 10 m alue r resistance v 1.2/50 pulse p u lse load rating in accordance w ith iec 60 115-1, 4.27; 1.2 s/50 s; 5 p u lses at 12 s inter v als; for permissi b le resistance change 0.5 % mmb 0207 mmu 0102 mma 0204
www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 20 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag professional me lf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 100 1 k 10 k 100 v 100 k 1 m 1 k v 10 v 10 k v 10 10 m resistance value r 10/700 pulse p u lse load rating in accordance w ith iec 60115-1, 4.27; 10 s/700 s; 10 p u lses at 1 min u te inter v als; for permissi b le resistance change 0.5 % pulse volta g e u mmb 0207 mmu 0102 mma 0204 current noise a 1 0.01 100 0.1 1 v / v resistance value r current noise - a 1 accordance w ith iec 60195 1 k 10 k 100 k 1 m 10 m mmb 0207 mmu 0102 mma 0204 0.1 0.3 1 ghz 3 0.5 1.0 1.5 1. 8 i z i/ r frequency f rf - behaviour | z |/ r for 49.9 melf resistors mmb 0207 mmu 0102 mma 0204
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 21 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test and requirements all tests are carried out in accordance with the following specifications: en 60115-1, generic specification en 140400, sectional specification en 140401-803, detail specification the components are approved in accordance with the iecq-cecc-system, where appl icable. for the full test schedule refer to the document s listed above. the testing also covers most of th e requirements specified by eia/is-703 and jis-c-5202. the tests are carried out under standard atmospheric conditions in accordanc e with iec 60068-1, 5.3 (3) . climatic category lct/uct/56 (rat ed temperature range: lower category temperature, upper category temperature; damp heat, steady state, test duration 56 days) is valid. unless otherwise specified the following values apply: temperature: 15 c to 35 c relative humidity: 45 % to 75 % air pressure: 86 kpa to 106 kpa (860 mbar to 1060 mbar). the components are mounted for testing on printed-circuit boards in accordance with en 140400, 2.3.3, unless otherwise specified. the requirements stated in the test procedures and requirements table are based on the required tests and permitted limits of en 140401-803. however, some additional tests and a number of improvements against those minimum requirements have been included. the stated requirements for long-term tests are typically fulfilled with a statistical safety of at least + 5 s. x test procedures and requirements en 60115-1 clause iec 60068-2 (2) test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better stability class 0.5 or better stability class 1 or better stability class 2 or better stability for product types: mmu 0102 10 ? to 221k ? 1 ? to < 10 ? < 1 ? > 221 k ? mma 0204 10 ? to 332 k ? 1 ? to < 10 ? < 1 ? > 332 k ? mmb 0207 10 ? to 1 m ? 1 ? to < 10 ? < 1 ? > 1 m ? 4.5 - resistance - 1 % r ; 0.5 % r 2 % r ; 1 % r 5 % r 1 % r 4.8.4.2 - temperature coefficient at (20/- 55/20) c and (20/125/20) c ? 50 ppm/k; 25 ppm/k 4.25.1 - endurance at 70 c: standard operation mode u = ? ?? u max. ; 1.5 h on; 0.5 h off; 70 c; 1000 h (0.15 % r + 10 m ? ) ? (0.5 % r + 10 m ? ) 70 c; 8000 h ? (0.3 % r + 10 m ? ) (1 % r +10 m ? ) endurance at 70 c: power operation mode u = ? ?? u max. ; 1.5 h on; 0.5 h off; 70 c; 1000 h ? (0.25 % r + 10 m ? ) (0.5 % r + 10 m ? ) 70 c; 8000 h ? (0.5 % r + 10 m ? ) ? (1 % r + 10 m ? ) 4.25.3 - endurance at upper category temperature 125 c; 1000 h (0.15 % r +5 m ? ) (0.25 % r +5 m ? ) (0.5 % r +5 m ? )+ (1 % r +5 m ? ) 155 c; 1000 h ? (0.3 % r +5 m ? ) ? (0.5 % r +5 m ? ) (1 % r +5 m ? )+ (2 % r +5 m ? ) 4.24 78 (cab) damp heat, steady state (40 2) c; 56 days; (93 3) % rh ? (0.15 % r +10 m ? ) ? (0.5 % r + 10 m ? ) ? (1 % r + 10 m ? ) (1 % r +10 m ? ) p 70 x r p 70 x r
www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 22 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag professional me lf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.39 67 (cy) damp heat, steady state, accelerated (85 2) ? c; (85 5) % rh; u = 0.3 x ? ?? 100 v; 1000 h (0.25 % r +10 m ? ) ? (0.5 % r + 10 m ? ) ? (1 % r + 10 m ? ) ? (2 % r + 10 m ? ) 4.23 climatic sequence: ? (0.15 % r + 10 m ? ) (0.5 % r + 10 m ? ) ? (1 % r + 10 m ? ) ? (1 % r + 10 m ? ) 4.23.2 2 (bb) dry heat uct; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; 24 h; ?? 90 % rh; 1 cycle 4.23.4 1 (ab) cold lct; 2 h 4.23.5 13 (m) low air pressure 8.5kpa; 2h; (25 ? 10) c 4.23.6 30 (db) damp heat, cyclic 55 c; 24 h; ?? 90 % rh; 5 cycles 4.23.7 - dc load u = ?? u max ; 1 min. lct = - 55 c; uct = 155 c - 1 (ab) cold - 55 c; 2 h (0.05 % r +5 m ? ) ? (0.1 % r +5 m ? ) 4.19 14 (na) rapid change of temperature 30 min at lct; 30 min at uct; lct = - 55 c; uct = 125 c 5 cycles (0.05 % r + 10 m ? ) ? (0.1 % r + 10 m ? ) 1000 cycles ? (0.15 % r +10 m ? ) ? (0.25 % r + 10 m ? ) lct = - 55 c; uct = 155 c 1000 cycles ? (0.25 % r +10 m ? ) (0.5 % r +10 m ? ) 4.13 - short time overload: standard operation mode u = 2.5 x ?? 2 x u max ; 5 s ? (0.03 % r +5 m ? ) ? (0.15 % r +5 m ? ) short time overload: power operation mode ? (0.05 % r +5 m ? ) ? (0.15 % r +5 m ? ) test procedures and requirements en 60115-1 clause iec 60068-2 (2) test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better stability class 0.5 or better stability class 1 or better stability class 2 or better stability for product types: mmu 0102 10 ? to 221k ? 1 ? to < 10 ? < 1 ? > 221 k ? mma 0204 10 ? to 332 k ? 1 ? to < 10 ? < 1 ? > 332 k ? mmb 0207 10 ? to 1 m ? 1 ? to < 10 ? < 1 ? > 1 m ? p 70 x r p 70 x r p 70 x r
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 23 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4.27 - single pulse high voltage overload; standard operation mode severity no. 4: u = 10 x ?? 2 x u max. ; 10 pulses 10 s/700 s ? (0.25 % r +5 m ? ) single pulse high voltage overload; power operation mode ? (0.5 % r +5 m ? ) 4.37 - periodic electric overload; standard operation mode u = ?? 2 x u max. ; 0.1 s on; 2.5 s off; 1000 cycles ? (0.5 % r +5 m ? ) periodic electric overload; power operation mode (1 % r +5 m ? ) 4.22 6 (fc) vibration endurance by sweeping; 10 hz to 2000 hz; no resonance; amplitude ? 1.5 mm or ? 200 m/s 2 ; 7.5 h (0.05 % r +5 m ? ) ? (0.1 % r +5 m ? ) 4.40 - electrostatic discharge (human body model) iec 61340-3-1 (2) ; 3 pos. + 3 neg. discharges mmu 0102: 1.5 kv mma 0204: 2 kv mmb 0207: 4 kv (0.5 % r +50 m ? ) test procedures and requirements en 60115-1 clause iec 60068-2 (2) test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better stability class 0.5 or better stability class 1 or better stability class 2 or better stability for product types: mmu 0102 10 ? to 221k ? 1 ? to < 10 ? < 1 ? > 221 k ? mma 0204 10 ? to 332 k ? 1 ? to < 10 ? < 1 ? > 332 k ? mmb 0207 10 ? to 1 m ? 1 ? to < 10 ? < 1 ? > 1 m ? p 70 x r 15 x p 70 x r
www.vishay.com for technical questions, contact: melf@vishay.com document number: 28713 24 revision: 05-mar-12 mmu 0102, mma 0204, mmb 0207 - professional vishay beyschlag professional me lf resistors this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) special requirements apply to micro-melf, mmu 0102: - r < 100 ?? (0.25 % r +10 m ? ) . - 100 ? ? r ? 221 k ?? 0.1 % r. - 221 k ? < r : 0.25 % r. (2) the quoted iec standards are also released as en standards with the same number and identical contents. 4.17.2 58 (td) solderability solder bath method; snpb40; non-activated flux; (215 ? 3) c; (3 ? 0.3) s good tinning ( ?? 95 % covered); no visible damage solder bath method; snag3cu0.5 or snag3.5; non-activated flux; (235 ? 3) c; (2 ? 0.2) s good tinning ( ?? 95 % covered); no visible damage 4.18.2 58 (td) resistance to soldering heat solder bath method; (260 ? 5) c; (10 1) s (0.05 % r +10 m ? ) ? (0.1 % r +10 m ? ) (0.25 % r +10 m ? ) ? (0.25 % r + 10 m ? ) reflow method 2 (ir/forced gas convection); (260 5) c; (10 1) s ? (0.02 % r + 10 m ? ) ? (0.05 % r +10 m ? ) (0.05 % r +10 m ? ) ? (0.1 % r + 10 m ? ) 4.29 45 (xa) component solvent resistance isopropyl alcohol; 50 ? c; method 2 no visible damage 4.30 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible; no visible damage 4.32 21 (ue 3 ) shear (adhesion) 45 n no visible damage 4.33 21 (ue 1 ) substrate bending depth 2 mm, 3 times no visible damage, no open circuit in bent position (0.05 % r + 5 m ? ) (1) 4.7 - voltage proof u rms = u ins ; 60 s no flashover or breakdown 4.35 - flammability iec 60695-11-5 (2) , needle flame test; 10 s no burning after 30 s test procedures and requirements en 60115-1 clause iec 60068-2 (2) test method test procedure requirements permissible change ( ? r ) stability class 0.25 or better stability class 0.5 or better stability class 1 or better stability class 2 or better stability for product types: mmu 0102 10 ? to 221k ? 1 ? to < 10 ? < 1 ? > 221 k ? mma 0204 10 ? to 332 k ? 1 ? to < 10 ? < 1 ? > 332 k ? mmb 0207 10 ? to 1 m ? 1 ? to < 10 ? < 1 ? > 1 m ?
document number: 28713 for technical questions, contact: melf@vishay.com www.vishay.com revision: 05-mar-12 25 mmu 0102, mma 0204, mmb 0207 - professional professional melf resistors vishay beyschlag this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 historical 12nc information ? the resistors had a 12-digit numeric code starting with 2312. ? the subsequent 4 digits indicated the resistor type, specification and packaging; see the 12nc table. ? the remaining 4 digits indicated the resistance value: - the first 3 digits indicated the resistance value. - the last digit indicated the resistance decade in accordance with the 12nc indicating resistance decade table. last digit of 12nc indicating resistance decade historical 12nc example the 12nc of a mmu 0102 resistor, value 47 k ? and tcr 50 with 1 % tolerance, supplied in blister tape of 3000 units per reel was: 2312 165 14703. resistance decade last digit 0.1 ? to 0.999 ? 7 1 ? to 9.99 ? 8 10 ? to 99.9 ? 9 100 ?? to 999 ? 1 1 k ? to 9.99 k ? 2 10 k ? to 99.9 k ? 3 100 k ? to 999 k ? 4 1 m ? to 9.99 m ? 5 10 m ? to 99.9 m ? 6 historical 12nc - resistor type and packaging description 2312... ..... blister tape on reel bulk case type tcr tol. bl 3000 units b0 10 000 units m8 8000 units mmu 0102 50 ppm/k ? 5 % 165 3.... 175 3.... 060 3.... ? 2 % 165 2.... 175 2.... 060 2.... ? 1 % 165 1.... 175 1.... 060 1.... ? 0.5 % 165 5.... 175 5.... 060 5.... 25 ppm/k 1 % 166 1.... 176 1.... 061 1.... ? 0.5 % 166 5.... 176 5.... 061 5.... jumper 165 90001 175 90001 060 90001 type tcr tol. bl 3000 units b0 10 000 units m3 3000 units mma 0204 50 ppm/k 5 % 155 3.... 145 3.... 040 3.... 1 % 155 1.... 145 1.... 040 1.... 0.5 % 155 5.... 145 5.... 040 5.... 25 ppm/k 1 % 156 1.... 146 1.... 041 1.... 0.5 % 156 5.... 146 5.... 041 5.... jumper 155 90001 145 90001 040 90001 type tcr tol. b2 2000 units b7 7000 units mmb 0207 ? 100 ppm/k 5 % 195 3.... 185 3.... 50 ppm/k ? 5 % 195 3.... 185 3.... 2 % 195 2.... 185 2.... 1 % 195 1.... 185 1.... ? 25 ppm/k 0.5 % 196 5.... 186 5.... jumper 195 90001 185 90001
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MMA02040C1008FB300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X